| Moteur de recherche de fiches techniques de composants électroniques |
|
SN250Q Fiches technique(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q Fiches technique(HTML) 100 Page - STMicroelectronics |
|
100 / 130 page ![]() Functional description—application modules SN250 100/130 TMR1_CMPA [0x4508] TMR1_CMPB [0x450A] TMR1_CAPCFGA [0x4512] 15 0-RW 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R TMR_CMPEN 0 0 0 0 0 0 0 0 0 0 TMR_ CMPINV TMR_CMPMOD 0-R 7 0-R 6 0-R 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 TMR1_CMPA [15:0] Timer 1 compare A value. 15 0-RW 14 0-RW 13 0-RW 12 0-RW 11 0-RW 10 0-RW 9 0-RW 8 0-RW TMR1_CMPB TMR1_CMPB 0-RW 7 0-RW 6 0-RW 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 TMR1_CMPB [15:0] Timer 1 compare B value. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-RW 0 0 0 0 0 0 0 TMR_ CAPFILT 0 TMR_CAPMOD 0 0 0 0 0 0-R 7 0-RW 6 0-RW 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 TMR_CAPFILT [8] Set this bit to enable the input A filter. TMR_CAPMOD [6:5] Input edge triggering selection: 0 = disabled; 1 = rising; 2 = falling; 3 = both edges. |