| Moteur de recherche de fiches techniques de composants électroniques |
|
SN250Q Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 130 page ![]() Order codes SN250 6/130 2 Order codes 3 Pin assignment Figure 1. SN250 pin assignment Refer to Table 17 and Table 18 for selecting alternate pin functions. Part Number Temperature Range Package Packing Marking SN250Q -40 to +85°C QFN48 Tray SN250 SN250QT -40 to +85°C QFN48 Tape & Reel SN250 |