| Moteur de recherche de fiches techniques de composants électroniques |
|
SN250Q Fiches technique(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q Fiches technique(HTML) 123 Page - STMicroelectronics |
|
123 / 130 page ![]() SN250 Register address table 123/130 Block: TIMER1 4500–4514 Timer 1 control and status registers Address Name Type Reset 0x4500 TMR1_CNT RW 0x0000 Timer 1 counter 0x4502 TMR1_CAPA R 0x0000 Timer 1 capture A 0x4504 TMR1_CAPB R 0x0000 Timer 1 capture B 0x4506 TMR1_TOP RW 0xFFFF Timer 1 threshold 0x4508 TMR1_CMPA RW 0x0000 Timer 1 compare A 0x450A TMR1_CMPB RW 0x0000 Timer 1 compare B 0x450C TMR1_CFG RW 0x0000 Timer 1 config 0x450E TMR1_CMPCFGA RW 0x0000 Timer 1 output A config 0x4510 TMR1_CMPCFGB RW 0x0000 Timer 1 output B config 0x4512 TMR1_CAPCFGA RW 0x0000 Timer 1 input capture A config 0x4514 TMR1_CAPCFGB RW 0x0000 Timer 1 input capture B config Block: TIMER2 4580–4594 Timer 2 control and status registers Address Name Type Reset 0x4580 TMR2_CNT RW 0x0000 Timer 2 counter 0x4582 TMR2_CAPA R 0x0000 Timer 2 capture A 0x4584 TMR2_CAPB R 0x0000 Timer 2 capture B 0x4586 TMR2_TOP RW 0xFFFF Timer 2 threshold 0x4588 TMR2_CMPA RW 0x0000 Timer 2 compare A. 0x458A TMR2_CMPB RW 0x0000 Timer 2 compare B 0x458C TMR2_CFG RW 0x0000 Timer 2 config 0x458E TMR2_CMPCFGA RW 0x0000 Timer 2 output A config 0x4590 TMR2_CMPCFGB RW 0x0000 Timer 2 output B config 0x4592 TMR2_CAPCFGA RW 0x0000 Timer 2 input capture A config 0x4594 TMR2_CAPCFGB RW 0x0000 Timer 2 input capture B config Table 40. Register address table (continued) |