| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7142 Fiches technique(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7142 Fiches technique(HTML) 28 Page - Analog Devices |
|
28 / 68 page ![]() AD7142 Rev. 0 | Page 28 of 68 GPIO INPUT INT OUTPUT SERIAL READBACK GPIO INPUT INT OUTPUT 1 GPIO INPUT LOW WHEN REGISTER IS READBACK GPIO INPUT HIGH WHEN REGISTER IS READBACK NOTES 1. READ GPIO_STATUS REGISTER TO RESET INT OUTPUT. Figure 40. INT Output Controlled by the GPIO Input Example, GPIO_SETUP = 01, GPIO_INPUT_CONFIG = 10 GPIO INPUT INT OUTPUT SERIAL READBACK GPIO INPUT INT OUTPUT 1 GPIO INPUT LOW WHEN REGISTER IS READBACK GPIO INPUT HIGH WHEN REGISTER IS READBACK NOTES 1. READ GPIO_STATUS REGISTER TO RESET INT OUTPUT. Figure 41. INT Output Controlled by the GPIO Input Example, GPIO_SETUP = 01, GPIO_INPUT_CONFIG = 11 Table 14. GPIO Interrupt Behavior GPIO_INPUT_CONFIG GPIO Pin GPIO_STATUS INT INT Behavior 00 = Negative Level Triggered 1 0 1 Not triggered 00 = Negative Level Triggered 0 1 0 Asserted while signal on GPIO pin is low 01 = Positive Edge Triggered 1 1 0 Pulses low at low-to-high GPIO transition 01 = Positive Edge Triggered 0 0 1 Not triggered 10 = Negative Edge Triggered 1 0 1 Pulses low at high-to-low GPIO transition 10 = Negative Edge Triggered 0 1 0 Not triggered 11 = Positive Level Triggered 1 1 0 Asserted while signal on GPIO pin is high 11 = Positive Level Triggered 0 0 1 Not triggered |