| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7142 Fiches technique(PDF) 46 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7142 Fiches technique(HTML) 46 Page - Analog Devices |
|
46 / 68 page ![]() AD7142 Rev. 0 | Page 46 of 68 Table 29. STAGE_COMPLETE_LIMIT_INT Register7 Address Data Bit Default Value Type Name Description 0x00A [0] 0 R STAGE0_COMPLETE_STATUS_INT STAGE0 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [1] 0 STAGE1_COMPLETE_STATUS_INT STAGE1 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [2] 0 STAGE2_COMPLETE_STATUS_INT STAGE2 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [3] 0 STAGE3_COMPLETE_STATUS_INT STAGE3 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [4] 0 STAGE4_COMPLETE_STATUS_INT STAGE4 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [5] 0 STAGE5_COMPLETE_STATUS_INT STAGE5 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [6] 0 STAGE6_COMPLETE_STATUS_INT STAGE6 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [7] 0 STAGE7_COMPLETE_STATUS_INT STAGE7 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [8] 0 STAGE8_COMPLETE_STATUS_INT STAGE8 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [9] 0 STAGE9_COMPLETE_STATUS_INT STAGE9 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [10] 0 STAGE10_COMPLETE_STATUS_INT STAGE10 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [11] 0 STAGE11_COMPLETE_STATUS_INT STAGE11 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [12] 0 GPIO_STATUS GPIO input pin status 1 = indicates level on GPIO pin has changed [15:13] Unused Set unused register bits = 0 7 Registers self-clear to 0 after readback, provided that the limits are not exceeded. Table 30. CDC 16-Bit Conversion Data Registers Address Data Bit Default Value Type Name Description 0x00B [15:0] 0 R ADC_RESULT_S0 STAGE0 CDC 16-bit conversion data 0x00C [15:0] 0 R ADC_RESULT_S1 STAGE1 CDC 16-bit conversion data 0x00D [15:0] 0 R ADC_RESULT_S2 STAGE2 CDC 16-bit conversion data 0x00E [15:0] 0 R ADC_RESULT_S3 STAGE3 CDC 16-bit conversion data 0x00F [15:0] 0 R ADC_RESULT_S4 STAGE4 CDC 16-bit conversion data 0x010 [15:0] 0 R ADC_RESULT_S5 STAGE5 CDC 16-bit conversion data 0x011 [15:0] 0 R ADC_RESULT_S6 STAGE6 CDC 16-bit conversion data 0x012 [15:0] 0 R ADC_RESULT_S7 STAGE7 CDC 16-bit conversion data 0x013 [15:0] 0 R ADC_RESULT_S8 STAGE8 CDC 16-bit conversion data 0x014 [15:0] 0 R ADC_RESULT_S9 STAGE9 CDC 16-bit conversion data 0x015 [15:0] 0 R ADC_RESULT_S10 STAGE10 CDC 16-bit conversion data 0x016 [15:0] 0 R ADC_RESULT_S11 STAGE11 CDC 16-bit conversion data |