| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7142 Fiches technique(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7142 Fiches technique(HTML) 38 Page - Analog Devices |
|
38 / 68 page ![]() AD7142 Rev. 0 | Page 38 of 68 REGISTER MAP The AD7142 address space is divided into three different register banks, referred to as Bank 1, Bank 2, and Bank 3. Figure 57 illustrates the division of these three banks. Bank 1 registers contain control registers, CDC conversion control registers, interrupt enable registers, interrupt status registers, CDC 16-bit conversion data registers, device ID registers, and proximity status registers. Bank 2 registers contain the configuration registers used for uniquely configuring the CIN inputs for each conversion stage. Initialize the Bank 2 configuration registers immediately after power-up to obtain valid CDC conversion result data. Bank 3 registers contain the results of each conversion stage. These registers automatically update at the end of each conversion sequence. Although these registers are primarily used by the AD7142 internal data processing, they are accessible by the host processor for additional external data processing, if desired. Default values are undefined for Bank 2 registers and Bank 3 registers until after power up and configuration of the Bank 2 registers. REGISTER BANK 1 ADDR 0x000 ADDR 0x018 ADDR 0x001 ADDR 0x005 ADDR 0x008 ADDR 0x00B ADDR 0x017 ADDR 0x7F0 SET UP CONTROL (1 REGISTER) CALIBRATION AND SET UP (4 REGISTERS) INTERRUPT ENABLE (3 REGISTERS) INTERRUPT STATUS (3 REGISTERS) CDC 16-BIT CONVERSION DATA (12 REGISTERS) DEVICE ID REGISTER INVALID DO NOT ACCESS REGISTER BANK 2 ADDR 0x080 ADDR 0x0B8 ADDR 0x088 ADDR 0x090 ADDR 0x098 ADDR 0x0A0 ADDR 0x0A8 ADDR 0x0B0 ADDR 0x0C8 ADDR 0x0C0 STAGE 0 CONFIGURATION (8 REGISTERS) STAGE 1 CONFIGURATION (8 REGISTERS) STAGE 2 CONFIGURATION (8 REGISTERS) STAGE 3 CONFIGURATION (8 REGISTERS) STAGE 4 CONFIGURATION (8 REGISTERS) STAGE 5 CONFIGURATION (8 REGISTERS) STAGE 6 CONFIGURATION (8 REGISTERS) STAGE 7 CONFIGURATION (8 REGISTERS) STAGE 8 CONFIGURATION (8 REGISTERS) STAGE 9 CONFIGURATION (8 REGISTERS) STAGE 10 CONFIGURATION (8 REGISTERS) STAGE 11 CONFIGURATION (8 REGISTERS) ADDR 0x0D8 ADDR 0x0D0 REGISTER BANK 3 ADDR 0x0E0 ADDR 0x0B8 ADDR 0x088 ADDR 0x090 ADDR 0x098 ADDR 0x0A0 ADDR 0x0A8 ADDR 0x0B0 ADDR 0x0C8 ADDR 0x0C0 STAGE 0 RESULTS (36 REGISTERS) ADDR 0x28F ADDR 0x0D0 STAGE 1 RESULTS (36 REGISTERS) STAGE 10 RESULTS (36 REGISTERS) STAGE 9 RESULTS (36 REGISTERS) STAGE 8 RESULTS (36 REGISTERS) STAGE 7 RESULTS (36 REGISTERS) STAGE 6 RESULTS (36 REGISTERS) STAGE 5 RESULTS (36 REGISTERS) STAGE 4 RESULTS (36 REGISTERS) STAGE 3 RESULTS (36 REGISTERS) STAGE 2 RESULTS (36 REGISTERS) STAGE 11 RESULTS (36 REGISTERS) PROXIMITY STATUS REGISTER ADDR 0x042 INVALID DO NOT ACCESS ADDR 0x043 Figure 57. Layout of Bank 1 Registers, Bank 2 Registers, and Bank 3 Registers |