| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7142 Fiches technique(PDF) 62 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7142 Fiches technique(HTML) 62 Page - Analog Devices |
|
62 / 68 page ![]() AD7142 Rev. 0 | Page 62 of 68 Table 57. STAGE8 Results Registers Address Data Bit Default Value Type Name Description 0x200 [15:0] X R/W STAGE8_CONV_DATA STAGE8 CDC 16-bit conversion data (copy of data in STAGE8_CONV_DATA register) 0x201 [15:0] X R/W STAGE8_FF_WORD0 STAGE8 fast FIFO WORD0 0x202 [15:0] X R/W STAGE8_FF_WORD1 STAGE8 fast FIFO WORD1 0x203 [15:0] X R/W STAGE8_FF_WORD2 STAGE8 fast FIFO WORD2 0x204 [15:0] X R/W STAGE8_FF_WORD3 STAGE8 fast FIFO WORD3 0x205 [15:0] X R/W STAGE8_FF_WORD4 STAGE8 fast FIFO WORD4 0x206 [15:0] X R/W STAGE8_FF_WORD5 STAGE8 fast FIFO WORD5 0x207 [15:0] X R/W STAGE8_FF_WORD6 STAGE8 fast FIFO WORD6 0x208 [15:0] X R/W STAGE8_FF_WORD7 STAGE8 fast FIFO WORD7 0x209 [15:0] X R/W STAGE8_SF_WORD0 STAGE8 slow FIFO WORD0 0x20A [15:0] X R/W STAGE8_SF_WORD1 STAGE8 slow FIFO WORD1 0x20B [15:0] X R/W STAGE8_SF_WORD2 STAGE8 slow FIFO WORD2 0x20C [15:0] X R/W STAGE8_SF_WORD3 STAGE8 slow FIFO WORD3 0x20D [15:0] X R/W STAGE8_SF_WORD4 STAGE8 slow FIFO WORD4 0x20E [15:0] X R/W STAGE8_SF_WORD5 STAGE8 slow FIFO WORD5 0x20F [15:0] X R/W STAGE8_SF_WORD6 STAGE8 slow FIFO WORD6 0x210 [15:0] X R/W STAGE8_SF_WORD7 STAGE8 slow FIFO WORD7 0x211 [15:0] X R/W STAGE8_SF_AMBIENT STAGE8 slow FIFO ambient value 0x212 [15:0] X R/W STAGE8_FF_AVG STAGE8 fast FIFO average value 0x213 [15:0] X R/W STAGE8_CDC_WORD0 STAGE8 CDC FIFO WORD0 0x214 [15:0] X R/W STAGE8_CDC_WORD1 STAGE8 CDC FIFO WORD1 0x215 [15:0] X R/W STAGE8_MAX_WORD0 STAGE8 maximum value FIFO WORD0 0x216 [15:0] X R/W STAGE8_MAX_WORD1 STAGE8 maximum value FIFO WORD1 0x217 [15:0] X R/W STAGE8_MAX_WORD2 STAGE8 maximum value FIFO WORD2 0x218 [15:0] X R/W STAGE8_MAX_WORD3 STAGE8 maximum value FIFO WORD3 0x219 [15:0] X R/W STAGE8_MAX_AVG STAGE8 average maximum FIFO value 0x21A [15:0] X R/W STAGE8_HIGH_THRESHOLD STAGE8 high threshold value 0x21B [15:0] X R/W STAGE8_MAX_TEMP STAGE8 temporary maximum value 0x21C [15:0] X R/W STAGE8_MIN_WORD0 STAGE8 minimum value FIFO WORD0 0x21D [15:0] X R/W STAGE8_MIN_WORD1 STAGE8 minimum value FIFO WORD1 0x21E [15:0] X R/W STAGE8_MIN_WORD2 STAGE8 minimum value FIFO WORD2 0x21F [15:0] X R/W STAGE8_MIN_WORD3 STAGE8 minimum value FIFO WORD3 0x220 [15:0] X R/W STAGE8_MIN_AVG STAGE8 average minimum FIFO value 0x221 [15:0] X R/W STAGE8_LOW_THRESHOLD STAGE8 low threshold value 0x222 [15:0] X R/W STAGE8_MIN_TEMP STAGE7 temporary minimum value 0x223 [15:0] X R/W Unused |