| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7142 Fiches technique(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7142 Fiches technique(HTML) 43 Page - Analog Devices |
|
43 / 68 page ![]() AD7142 Rev. 0 | Page 43 of 68 Address Data Bit Default Value Type Name Description [4] 0 STAGE4_HIGH_INT_EN STAGE4 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [5] 0 STAGE5_HIGH_INT_EN STAGE5 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [6] 0 STAGE6_HIGH_INT_EN STAGE6 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [7] 0 STAGE7_HIGH_INT_EN STAGE7 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [8] 0 STAGE8_HIGH_INT_EN STAGE8 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [9] 0 STAGE9_HIGH_INT_EN STAGE9 sensor interrupt low limit control 0 = interrupt source disabled 1 = INT asserted if STAGE10_LOW is exceeded [10] 0 STAGE10_HIGH_INT_EN STAGE10 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [11] 0 STAGE11_HIGH_INT_EN STAGE11 high interrupt enable 0 = interrupt source disabled 1 = INT asserted if STAGE0 high threshold is exceeded [15:12] Unused Set unused register bits = 0 Table 26. STAGE_COMPLETE_INT_EN Register Address Data Bit Default Value Type Name Description 0x007 [0] 0 R/W STAGE0_COMPLETE_EN STAGE0 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE0 conversion [1] 0 STAGE1_COMPLETE_EN STAGE1 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE1 conversion [2] 0 STAGE2_COMPLETE_EN STAGE2 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE2 conversion [3] 0 STAGE3_COMPLETE_EN STAGE3 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE3 conversion [4] 0 STAGE4_COMPLETE_EN STAGE4 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE4 conversion [5] 0 STAGE5_COMPLETE_EN STAGE5 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE5 conversion [6] 0 STAGE6_COMPLETE_EN STAGE6 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE6 conversion |