Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60SIP Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Fiches technique(HTML) 15 Page - Microchip Technology

Back Button SAM9X60SIP Datasheet HTML 11Page - Microchip Technology SAM9X60SIP Datasheet HTML 12Page - Microchip Technology SAM9X60SIP Datasheet HTML 13Page - Microchip Technology SAM9X60SIP Datasheet HTML 14Page - Microchip Technology SAM9X60SIP Datasheet HTML 15Page - Microchip Technology SAM9X60SIP Datasheet HTML 16Page - Microchip Technology SAM9X60SIP Datasheet HTML 17Page - Microchip Technology SAM9X60SIP Datasheet HTML 18Page - Microchip Technology SAM9X60SIP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
...........continued
196-ball
BGA
rotatethispage90
233-ball
BGA
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
J3
C10
VDDIOP0
GPIO
PA29
I/O
–
–
A
TIOB2
I/O
PIO, I, PU, ST
B
RF
I/O
C
FLEXCOM2_IO7
I
D2
H1
VDDIOP0
GPIO
PA30
I/O
–
–
A
FLEXCOM6_IO0
I/O
PIO, I, PU, ST
B
FLEXCOM5_IO6
O
C
E0_MDC
O
G3
H2
VDDIOP0
GPIO
PA31
I/O
–
–
A
FLEXCOM6_IO1
I/O
PIO, I, PU, ST
B
FLEXCOM5_IO5
O
C
E0_TXEN
O
A3
B3
VDDANA
GPIO
PB0
I/O
WKUP5
–
A
E0_RX0
I
PIO, I, PU, ST
B
FLEXCOM2_IO4
O
B6
D1
VDDANA
GPIO
PB1
I/O
–
–
A
E0_RX1
I
PIO, I, PU, ST
B
FLEXCOM2_IO3
I/O
A6
A3
VDDANA
GPIO
PB2
I/O
–
–
A
E0_RXER
I
PIO, I, PU, ST
B
FLEXCOM2_IO2
I/O
A5
D2
VDDANA
GPIO
PB3
I/O
WKUP6
–
A
E0_RXDV
I
PIO, I, PU, ST
B
FLEXCOM4_IO6
O
B3
E3
VDDANA
GPIO
PB4
I/O
–
–
A
E0_TXCK
I/O
PIO, I, PU, ST
B
FLEXCOM8_IO0
I/O
B1
E1
VDDANA
GPIO
PB5
I/O
–
–
A
E0_MDIO
I/O
PIO, I, PU, ST
B
FLEXCOM8_IO1
I/O
B5
D3
VDDANA
GPIO
PB6
I/O
AD7
–
A
E0_MDC
O
PIO, I, PU, ST
B
FLEXCOM0_IO7
A11
F4
VDDANA
GPIO
PB7
I/O
AD8
–
A
E0_TXEN
O
PIO, I, PU, ST
E6
D5
VDDANA
GPIO
PB8
I/O
AD9
–
A
E0_TXER
O
PIO, I, PU, ST
B9
B4
VDDANA
GPIO
PB9
I/O
AD10
–
A
E0_TX0
O
PIO, I, PU, ST
B
PCK1
O
C9
B5
VDDANA
GPIO
PB10
I/O
AD11
–
A
E0_TX1
O
PIO, I, PU, ST
B
PCK0
O
C10
C5
VDDANA
GPIO
PB11
I/O
AD0
–
A
E0_TX2
O
PIO, I, PU, ST
B
PWM0
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40