Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60SIP Fiches technique(PDF) 24 Page - Microchip Technology

No de pièce SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Fiches technique(HTML) 24 Page - Microchip Technology

Back Button SAM9X60SIP Datasheet HTML 20Page - Microchip Technology SAM9X60SIP Datasheet HTML 21Page - Microchip Technology SAM9X60SIP Datasheet HTML 22Page - Microchip Technology SAM9X60SIP Datasheet HTML 23Page - Microchip Technology SAM9X60SIP Datasheet HTML 24Page - Microchip Technology SAM9X60SIP Datasheet HTML 25Page - Microchip Technology SAM9X60SIP Datasheet HTML 26Page - Microchip Technology SAM9X60SIP Datasheet HTML 27Page - Microchip Technology SAM9X60SIP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
7.
Memories
The SAM9X60 SIP is available with up to 1 Gbit of DDR2-SDRAM memory, and with up to 64 Mbits of SDR-SDRAM
memory. For the features of these memories, see 1. DDR2-SDRAM Features and 2. SDR-SDRAM Features.
For power consumption, electrical characteristics and timings of these memories, refer to the data sheets referenced
below on the manufacturer’s website.
Table 7-1. Memory Data Sheet References
Memory Type
Density
Manufacturer Packaged PN
Data Sheet Reference Number
DDR2-SDRAM
512 Mbits
Winbond W9751G6KB25I
W9751G6KB
1 Gbit
Winbond W971GG6SB25I
W971GG6SB
SDR-SDRAM
64 Mbits
Winbond W9864G6KH
W9864G6KH (Speed Grade 5I)
SAM9X60 SIP
Memories
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40