Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60SIP Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Fiches technique(HTML) 18 Page - Microchip Technology

Back Button SAM9X60SIP Datasheet HTML 14Page - Microchip Technology SAM9X60SIP Datasheet HTML 15Page - Microchip Technology SAM9X60SIP Datasheet HTML 16Page - Microchip Technology SAM9X60SIP Datasheet HTML 17Page - Microchip Technology SAM9X60SIP Datasheet HTML 18Page - Microchip Technology SAM9X60SIP Datasheet HTML 19Page - Microchip Technology SAM9X60SIP Datasheet HTML 20Page - Microchip Technology SAM9X60SIP Datasheet HTML 21Page - Microchip Technology SAM9X60SIP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
...........continued
196-ball
BGA
rotatethispage90
233-ball
BGA
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
M11
T3
VDDIOP1
GPIO
PC11
I/O
–
–
A
LCDDAT11
O
PIO, I, PU, ST
B
ISI_D11
I
C
PWM1
O
R5
T5
VDDIOP1
GPIO
PC12
I/O
–
–
A
LCDDAT12
O
PIO, I, PU, ST
B
ISI_PCK
I
C
TIOA5
I/O
M13
R4
VDDIOP1
GPIO
PC13
I/O
–
–
A
LCDDAT13
O
PIO, I, PU, ST
B
ISI_VSYNC
I
C
TIOB5
I/O
T5
U2
VDDIOP1
GPIO
PC14
I/O
–
–
A
LCDDAT14
O
PIO, I, PU, ST
B
ISI_HSYNC
I
C
TCLK5
I
L12
U5
VDDIOP1
GPIO
PC15
I/O
–
–
A
LCDDAT15
O
PIO, I, PU, ST
B
ISI_MCK
O
C
PCK0
O
R6
R10
VDDIOP1
GPIO
PC16
I/O
–
–
A
LCDDAT16
O
PIO, I, PU, ST
B
E1_RXER
I
C
FLEXCOM10_IO0
I/O
N14
R8
VDDIOP1
GPIO
PC17
I/O
–
–
A
LCDDAT17
O
PIO, I, PU, ST
B
FLEXCOM1_IO7
I
C
FLEXCOM10_IO1
I/O
T6
R7
VDDIOP1
GPIO
PC18
I/O
–
–
A
LCDDAT18
O
PIO, I, PU, ST
B
E1_TX0
O
C
PWM0
O
L14
P6
VDDIOP1
GPIO
PC19
I/O
–
–
A
LCDDAT19
O
PIO, I, PU, ST
B
E1_TX1
O
C
PWM1
O
P8
T14
VDDIOP1
GPIO
PC20
I/O
–
–
A
LCDDAT20
O
PIO, I, PU, ST
B
E1_RX0
I
C
PWM2
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40