Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60SIP Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Fiches technique(HTML) 23 Page - Microchip Technology

Back Button SAM9X60SIP Datasheet HTML 19Page - Microchip Technology SAM9X60SIP Datasheet HTML 20Page - Microchip Technology SAM9X60SIP Datasheet HTML 21Page - Microchip Technology SAM9X60SIP Datasheet HTML 22Page - Microchip Technology SAM9X60SIP Datasheet HTML 23Page - Microchip Technology SAM9X60SIP Datasheet HTML 24Page - Microchip Technology SAM9X60SIP Datasheet HTML 25Page - Microchip Technology SAM9X60SIP Datasheet HTML 26Page - Microchip Technology SAM9X60SIP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
...........continued
196-ball
BGA
rotatethispage90
233-ball
BGA
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
E8, F6, L6
G5, D6, L6,
M7, D8
VDDCORE
power
–
–
–
–
–
–
–
–
C7
C6
VDDQSPI
power
–
–
–
–
–
–
–
–
B10, B12,
B14, C12,
C15, D14,
E14, F14
D15, C16,
B17, E11,
E12, D13,
F13, G13,
C14, B15,
A16
DDRM_VDD
power
–
–
–
–
–
–
–
–
A10, A13,
A14, C11,
C16, D16,
E15, G16
F15, F11,
C12, F12,
G12, E13,
D14, C15,
B16, A17
DDRM_VSS
ground
–
–
–
–
–
–
–
–
E11, C13,
E13, D15,
B16, E16,
A12
–
–
NC
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40