Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60SIP Fiches technique(PDF) 31 Page - Microchip Technology

No de pièce SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Fiches technique(HTML) 31 Page - Microchip Technology

Back Button SAM9X60SIP Datasheet HTML 27Page - Microchip Technology SAM9X60SIP Datasheet HTML 28Page - Microchip Technology SAM9X60SIP Datasheet HTML 29Page - Microchip Technology SAM9X60SIP Datasheet HTML 30Page - Microchip Technology SAM9X60SIP Datasheet HTML 31Page - Microchip Technology SAM9X60SIP Datasheet HTML 32Page - Microchip Technology SAM9X60SIP Datasheet HTML 33Page - Microchip Technology SAM9X60SIP Datasheet HTML 34Page - Microchip Technology SAM9X60SIP Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
© 2019 Microchip Technology Incorporated
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only, displayed in parentheses.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-21507 Rev A Sheet 2 of 2
196-Lead Thin Fine Pitch Ball Grid Array (4GB) - 11x11x1.2 mm Body [TFBGA]
Number of Terminals
Overall Height
Terminal Diameter
Overall Width
Overall Terminal Pitch
Mold Cap Height
Pitch
Standoff
Units
Dimension Limits
S
A
b
E1
A1
e
E
N
0.65 BSC
0.32
-
0.22
-
9.75 BSC
-
-
11.00 BSC
MILLIMETERS
MIN
NOM
196
0.42
1.20
0.32
MAX
Overall Length
Overall Terminal Pitch
D
D1
11.00 BSC
9.75 BSC
Substraight Thickness
M
0.53 REF
0.26 REF
SAM9X60 SIP
Mechanical Characteristics
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40