Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595QJ Fiches technique(PDF) 116 Page - STMicroelectronics

No de pièce STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Fiches technique(HTML) 116 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 112Page - STMicroelectronics STM32U595QJ Datasheet HTML 113Page - STMicroelectronics STM32U595QJ Datasheet HTML 114Page - STMicroelectronics STM32U595QJ Datasheet HTML 115Page - STMicroelectronics STM32U595QJ Datasheet HTML 116Page - STMicroelectronics STM32U595QJ Datasheet HTML 117Page - STMicroelectronics STM32U595QJ Datasheet HTML 118Page - STMicroelectronics STM32U595QJ Datasheet HTML 119Page - STMicroelectronics STM32U595QJ Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 377 page
background image
10
17
F3
28
V12
Y12
J4
L18
P1
10
17
F3
28
J4
PC2
I/O
FT_ha
-
LPTIM1_IN2,
SPI2_MISO,
MDF1_CCK1,
USART6_RX,
OCTOSPIM_P1_IO5,
LPGPIO1_P5,
EVENTOUT
ADC1_IN3,
ADC2_IN3,
ADC4_IN3
11
18
F4
29
U11
T10
K1 M19 N3
11
18
F4
29
K1
PC3
I/O
FT_ha
-
LPTIM1_ETR,
LPTIM3_CH1,
SAI1_D1, SPI2_MOSI,
USART6_TX,
OCTOSPIM_P1_IO6,
SAI1_SD_A,
LPTIM2_ETR,
EVENTOUT
ADC1_IN4,
ADC2_IN4,
ADC4_IN4
12
19
H1
30
W13 AA13
K2
N26
K6
12
19
H1
30
K2
VSSA
S
-
-
-
-
-
-
-
-
-
-
-
N24
K5
-
20
-
31
-
VREF-
S
-
-
-
-
-
20
J1
31
Y12
AB12
L1
P25
L5
-
21
J1
32
L1
VREF+
S
-
-
-
VREFBUF
_OUT
13
21
K1
32
AA13 AC13
L2
R26
L6
13
22
K1
33
L2
VDDA
S
-
-
-
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More