Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595QJ Fiches technique(PDF) 119 Page - STMicroelectronics

No de pièce STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Fiches technique(HTML) 119 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 115Page - STMicroelectronics STM32U595QJ Datasheet HTML 116Page - STMicroelectronics STM32U595QJ Datasheet HTML 117Page - STMicroelectronics STM32U595QJ Datasheet HTML 118Page - STMicroelectronics STM32U595QJ Datasheet HTML 119Page - STMicroelectronics STM32U595QJ Datasheet HTML 120Page - STMicroelectronics STM32U595QJ Datasheet HTML 121Page - STMicroelectronics STM32U595QJ Datasheet HTML 122Page - STMicroelectronics STM32U595QJ Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 377 page
background image
21
29
M1
40
AA11 AA11
K4
P21
R4
21
30
M1
41
K4
PA5
I/O
TT_a
-
CSLEEP, TIM2_CH1,
TIM2_ETR,
TIM8_CH1N,
PSSI_D14,
SPI1_SCK(boot),
USART3_RX,
LPTIM2_ETR,
EVENTOUT
ADC1_IN10,
ADC2_IN10,
ADC4_IN10,
DAC1_OUT2
, WKUP6
22
30
L2
41
U9
U9
N4
N18
P5
22
31
L2
42
N4
PA6
I/O
FT_ha
-
CDSTOP, TIM1_BKIN,
TIM3_CH1,
TIM8_BKIN,
DCMI_PIXCLK/PSSI_P
DCK,
SPI1_MISO(boot),
USART3_CTS,
LPUART1_CTS,
OCTOSPIM_P1_IO3,
LPGPIO1_P2,
TIM16_CH1,
EVENTOUT
OPAMP2
_VINP,
ADC1_IN11,
ADC2_IN11,
ADC4_IN11,
WKUP7
-
-
M2
-
-
-
H5
-
N5
-
-
M2
-
H5
OPAMP2
_VINM
ITT
-
-
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More