Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595QJ Fiches technique(PDF) 114 Page - STMicroelectronics

No de pièce STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Fiches technique(HTML) 114 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 110Page - STMicroelectronics STM32U595QJ Datasheet HTML 111Page - STMicroelectronics STM32U595QJ Datasheet HTML 112Page - STMicroelectronics STM32U595QJ Datasheet HTML 113Page - STMicroelectronics STM32U595QJ Datasheet HTML 114Page - STMicroelectronics STM32U595QJ Datasheet HTML 115Page - STMicroelectronics STM32U595QJ Datasheet HTML 116Page - STMicroelectronics STM32U595QJ Datasheet HTML 117Page - STMicroelectronics STM32U595QJ Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 377 page
background image
-
-
-
20
P10
M10
F1
K19 M3
-
-
-
20
F1
PF8
I/O
FT_h
-
TIM5_CH3, PSSI_D14,
FDCAN1_TX,
OCTOSPIM_P1_IO0,
SAI1_SCK_B,
EVENTOUT
-
-
-
-
21
P12
L9
G3
L20
L4
-
-
-
21
G3
PF9
I/O
FT_h
-
TIM5_CH4, PSSI_D15,
OCTOSPIM_P1_IO1,
SAI1_FS_B,
TIM15_CH1,
EVENTOUT
-
-
-
-
22
R11
K8
H4
L22
L1
-
-
-
22
H4
PF10
I/O
FT_hv
-
OCTOSPIM_P1_CLK,
PSSI_D15,
MDF1_CCK1,
DCMI_D11/PSSI_D11,
DSI_TE, SAI1_D3,
TIM15_CH2,
EVENTOUT
-
5
12
F123R13
W13
H1 M23 N1
5
12F123
H1
PH0-
OSC_IN
(PH0)
I/O
FT
-
EVENTOUT
OSC_IN
6
13
G124
U13
V12
J1
M25 N2
6
13G124
J1
PH1-
OSC_OUT
(PH1)
I/O
FT
-
EVENTOUT
OSC_OUT
7
14
G2
25
T12
U11
H3 M21 R2
7
14
G2
25
H3
NRST
I-O
RST
-
-
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More