| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705JJ7GRS/D Fiches technique(PDF) 196 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D Fiches technique(HTML) 196 Page - NXP Semiconductors |
|
196 / 230 page ![]() Instruction Set General Release Specification MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 Instruction Set 14.4.4 Bit Manipulation Instructions The CPU can set or clear any writable bit in the first 256 bytes of memory, which includes I/O registers and on-chip RAM locations. The CPU can also test and branch based on the state of any bit in any of the first 256 memory locations. Table 14-4. Bit Manipulation Instructions Instruction Mnemonic Bit Clear BCLR Branch if Bit Clear BRCLR Branch if Bit Set BRSET Bit Set BSET Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |