Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705P6AGRS/D Fiches technique(PDF) 102 Page - NXP Semiconductors

No de pièce HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Fiches technique(HTML) 102 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 98Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 99Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 100Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 101Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 102Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 103Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 104Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 105Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 134 page
background image
Instruction Set
General Release Specification
MC68HC705P6A — Rev. 1.0
Instruction Set
13.2 Introduction
The MCU instruction set has 62 instructions and uses eight addressing
modes. The instructions include all those of the M146805 CMOS Family
plus one more: the unsigned multiply (MUL) instruction. The MUL
instruction allows unsigned multiplication of the contents of the
accumulator (A) and the index register (X). The high-order product is
stored in the index register, and the low-order product is stored in the
accumulator.
13.3 Addressing Modes
The CPU uses eight addressing modes for flexibility in accessing data.
The addressing modes provide eight different ways for the CPU to find
the data required to execute an instruction. The eight addressing modes
are:
•
Inherent
•
Immediate
•
Direct
•
Extended
•
Indexed, no offset
•
Indexed, 8-bit offset
•
Indexed, 16-bit offset
•
Relative
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More