| Moteur de recherche de fiches techniques de composants électroniques |
|
EM6620WS27 Fiches technique(PDF) 12 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6620WS27 Fiches technique(HTML) 12 Page - EM Microelectronic - MARIN SA |
|
12 / 56 page ![]() R EM6620 Copyright © 2005, EM Microelectronic-Marin SA 12 www.emmicroelectronic.com The prescaler contains 3 interrupt sources: - IRQ32/8 ; this is Ck[6] or Ck[4] positive edge interrupt, the selection is depending on bit PrIntSel. - IRQHz1 ; this is Ck[1] positive edge interrupt - IRQBlink ; this is 3/4 of Ck[1] period interrupt There is no interrupt generation on reset. The first IRQHz1 Interrupt occurs 1 sec (32kHz) after reset. A possible application for the IRQBlink is LCD-Display blinking control together with IRQHz1. Figure 9. Prescaler Interrupts Ck[2] IRQ Blink IRQ Hz1 Ck[1] |