Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3422 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 32Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 33Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 34Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 35Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 36Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 37Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 38Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 39Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
8032 MCU core performance enhancements
UPSD3422, UPSD3433, UPSD3434, UPSD3454
36/300
Figure 9.
UPSD34xx multi-cycle instructions compared to standard 8032
A1
A2
Inst A
B1
B2
Inst B
C1 C2
Inst C
Three 2-byte, 2-cycle Instructions, uPSD34xx vs. Standard 8032
uPSD34xx
Std 8032
72 Clocks (12 clocks per cycle)
24 Clocks Total (4 clocks per cycle)
Byte 1
Byte 2
Process Inst A
Byte 1
Byte 2
Process Inst B
Byte 1
Byte 2
Process Inst C
AI10412
1 Cycle
1 Cycle
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More