Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3422 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 49Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 50Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 51Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 52Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 53Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 54Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 55Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 56Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
UPSD34xx instruction set summary
53/300
DEC
@Ri
Decrement indirect SRAM
1 byte/1 cycle
INC
DPTR
Increment Data Pointer
1 byte/2 cycle
MUL
AB
Multiply ACC and B
1 byte/4 cycle
DIV
AB
Divide ACC by B
1 byte/4 cycle
DA
A
Decimal adjust ACC
1 byte/1 cycle
1.
All mnemonics copyrighted ©Intel Corporation 1980.
Table 7.
Logical instruction set
Mnemonic(1) and use
1.
All mnemonics copyrighted ©Intel Corporation 1980.
Description
Length/cycles
Logical Instructions
ANL
A, Rn
AND register to ACC
1 byte/1 cycle
ANL
A, direct
AND direct byte to ACC
2 byte/1 cycle
ANL
A, @Ri
AND indirect SRAM to ACC
1 byte/1 cycle
ANL
A, #data
AND immediate data to ACC
2 byte/1 cycle
ANL
direct, A
AND ACC to direct byte
2 byte/1 cycle
ANL
direct, #data
AND immediate data to direct byte
3 byte/2 cycle
ORL
A, Rn
OR register to ACC
1 byte/1 cycle
ORL
A, direct
OR direct byte to ACC
2 byte/1 cycle
ORL
A, @Ri
OR indirect SRAM to ACC
1 byte/1 cycle
ORL
A, #data
OR immediate data to ACC
2 byte/1 cycle
ORL
direct, A
OR ACC to direct byte
2 byte/1 cycle
ORL
direct, #data
OR immediate data to direct byte
3 byte/2 cycle
SWAP
A
Swap nibbles within the ACC
1 byte/1 cycle
XRL
A, Rn
Exclusive-OR register to ACC
1 byte/1 cycle
XRL
A, direct
Exclusive-OR direct byte to ACC
2 byte/1 cycle
XRL
A, @Ri
Exclusive-OR indirect SRAM to ACC
1 byte/1 cycle
XRL
A, #data
Exclusive-OR immediate data to ACC
2 byte/1 cycle
XRL
direct, A
Exclusive-OR ACC to direct byte
2 byte/1 cycle
XRL
direct, #data
Exclusive-OR immediate data to direct byte
3 byte/2 cycle
CLR
A
Clear ACC
1 byte/1 cycle
CPL
A
Compliment ACC
1 byte/1 cycle
RL
A
Rotate ACC left
1 byte/1 cycle
RLC
A
Rotate ACC left through the carry
1 byte/1 cycle
RR
A
Rotate ACC right
1 byte/1 cycle
RRC
A
Rotate ACC right through the carry
1 byte/1 cycle
Table 6.
Arithmetic instruction set (continued)
Mnemonic(1) and use
Description
Length/cycles
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More