| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32W108CB Fiches technique(PDF) 143 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB Fiches technique(HTML) 143 Page - STMicroelectronics |
|
143 / 278 page ![]() STM32W108HB STM32W108CC STM32W108CB STM32W108CZ Serial interfaces Doc ID 16252 Rev 14 143/278 9.12.7 Serial controller transmit DMA begin address channel B register (SCx_DMATXBEGADDBR) Address offset: 0xC818 (SC1_DMATXBEGADDBR) and 0xC018 (SC2_DMATXBEGADDBR) Reset value: 0x2000 0000 Reserved, must be kept at reset value ADD[12:0]: DMA transmit buffer B start address 9.12.8 Serial controller transmit DMA end address channel B register (SCx_DMATXENDADDBR) Address offset: 0xC81C (SC1_DMATXENDADDBR) and 0xC01C (SC2_DMATXENDADDBR) Reset value: 0x2000 0000 Reserved, must be kept at reset value ADD[12:0]: Address of the last byte that is read from the DMA transmit buffer B 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved ADD[12:0] rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:13] Bits [12:0] 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved ADD[12:0] rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:13] Bits [12:0] |