Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32W108CB Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 7Page - STMicroelectronics STM32W108CB Datasheet HTML 8Page - STMicroelectronics STM32W108CB Datasheet HTML 9Page - STMicroelectronics STM32W108CB Datasheet HTML 10Page - STMicroelectronics STM32W108CB Datasheet HTML 11Page - STMicroelectronics STM32W108CB Datasheet HTML 12Page - STMicroelectronics STM32W108CB Datasheet HTML 13Page - STMicroelectronics STM32W108CB Datasheet HTML 14Page - STMicroelectronics STM32W108CB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Description
Doc ID 16252 Rev 14
11/278
Packet sniffer
ADC
RF_P,N
Program Flash
128 kBytes
192 kBytes
256 kBytes
Data SRAM
8 kBytes
12 kBytes
16 kBytes
HF crystal
OSC
LF crystal
OSC
General
Purpose
ADC
Serial
Wire and
JTAG
debug
Internal LF
RC-OSC
GPIO multiplexor swtich
Chip
manage r
Regulator
Bias
2
nd level
Interrupt
controller
RF_TX_ALT_P,N
PA[7:0], PB[7:0], PC[7:0]
Encryption
acclerator
IF
Always
Powered
Domain
ARM CORTEX-M3®
CPU with NVIC
and MPU
VREG_OUT
Watchdog
PA select
LNA
PA
PA
DAC
MAC
+
Baseband
Sleep
timer
BIAS_R
POR
nRESET
General
purpose
timers
GPIO
registers
UART/
SPI/I2C
SYNTH
Internal HF
RC-OSC
TX_ACTIVE
SWCLK,
JTCK
Calibration
ADC
Packet Trace
CPU debug
TPIU/ITM/
FPB/DWT
Ai15250
OSC_OUT
OSC_IN
1.1
Development tools
The STM32W108 implements both the ARM Serial Wire and JTAG debug interfaces. These
interfaces provide real time, non-intrusive programming and debugging capabilities. Serial
Wire and JTAG provide the same functionality, but are mutually exclusive. The Serial Wire
interface uses two pins; the JTAG interface uses five. Serial Wire is preferred, since it uses
fewer pins.
The STM32W108 also integrates the standard ARM system debug components: Flash
Patch and Breakpoint (FPB), Data Watchpoint and Trace (DWT), and Instrumentation Trace
Macrocell (DWT).
Figure 1.
STM32W108 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More