| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32W108CB Fiches technique(PDF) 141 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB Fiches technique(HTML) 141 Page - STMicroelectronics |
|
141 / 278 page ![]() STM32W108HB STM32W108CC STM32W108CB STM32W108CZ Serial interfaces Doc ID 16252 Rev 14 141/278 9.12.3 Serial controller receive DMA begin address channel B register (SCx_ DMARXBEGADDBR) Address offset: 0xC808 (SC1_DMARXBEGADDBR) and 0xC008 (SC2_DMARXBEGADDBR) Reset value: 0x2000 0000 Reserved, must be kept at reset value ADD[12:0]: DMA receive buffer B start address 9.12.4 Serial controller receive DMA end address channel B register (SCx_DMARXENDADDBR) Address offset: 0xC80C (SC1_DMARXENDADDBR) and 0xC00C (SC2_DMARXENDADDBR) Reset value: 0x2000 0000 Reserved, must be kept at reset value ADD[12:0]: 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved ADD[12:0] rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:13] Bits [12:0] 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved ADD[12:0] rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:13] Bits [12:0] Address of the last byte that is written in the DMA receive buffer B. |