| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32W108CB Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 278 page ![]() Pinout and pin description STM32W108HB STM32W108CC STM32W108CB STM32W108CZ 18/278 Doc ID 16252 Rev 14 19 15 PB3 I/O Digital I/O TIM2_CH3 (see Pin 22) O Timer 2 channel 3 output Enable remap with TIM2_OR[6] Enable timer output in TIM2_CCER Select alternate output function with GPIOB_CRL[15:12] I Timer 2 channel 3 input. Enable remap with TIM2_OR[6]. UART_CTS I UART CTS handshake of Serial Controller 1 Enable with SC1_UARTCR[5] Select UART with SC1_CR SC1SCLK O SPI master clock of Serial Controller 1 Either disable timer output in TIM2_CCER or disable remap with TIM2_OR[6] Enable master with SC1_SPICR[4] Select SPI with SC1_CR Select alternate output function with GPIOB_CRL[15:12] I SPI slave clock of Serial Controller 1 Enable slave with SC1_SPICR[4] Select SPI with SC1_CR 20 16 PB4 I/O Digital I/O TIM2_CH4 (see also Pin 24) O Timer 2 channel 4 output Enable remap with TIM2_OR[7] Enable timer output in TIM2_CCER Select alternate output function with GPIOB_CRH[3:0] I Timer 2 channel 4 input. Enable remap with TIM2_OR[7]. UART_RTS O UART RTS handshake of Serial Controller 1 Either disable timer output in TIM2_CCER or disable remap with TIM2_OR[7] Enable with SC1_UARTCR[5] Select UART with SC1_CR Select alternate output function with GPIOB_CRH[3:0] SC1nSSEL I SPI slave select of Serial Controller 1 Enable slave with SC1_SPICR[4] Select SPI with SC1_CR Table 2. Pin descriptions (continued) 48-Pin Package Pin no. 40-Pin Package Pin no. Signal Direction Description |