Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC584G80C3 Fiches technique(PDF) 83 Page - STMicroelectronics

No de pièce SPC584G80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584G80C3 Fiches technique(HTML) 83 Page - STMicroelectronics

Back Button SPC584G80C3 Datasheet HTML 79Page - STMicroelectronics SPC584G80C3 Datasheet HTML 80Page - STMicroelectronics SPC584G80C3 Datasheet HTML 81Page - STMicroelectronics SPC584G80C3 Datasheet HTML 82Page - STMicroelectronics SPC584G80C3 Datasheet HTML 83Page - STMicroelectronics SPC584G80C3 Datasheet HTML 84Page - STMicroelectronics SPC584G80C3 Datasheet HTML 85Page - STMicroelectronics SPC584G80C3 Datasheet HTML 86Page - STMicroelectronics SPC584G80C3 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 139 page
background image
DS11758 Rev 6
83/139
SPC584Gx, SPC58EGx, SPC58NGx
Electrical characteristics
106
Figure 22. Nexus TDI, TMS, TDO timing
4.17.1.3
External interrupt timing (IRQ pin)
TCK
11
12
15
TMS, TDI
TDO
13
14
16
Table 45. External interrupt timing
Characteristic
Symbol
Min
Max
Unit
IRQ Pulse Width Low
tIPWL
3—
tcyc
IRQ Pulse Width High
tIPWH
3—
tcyc
IRQ Edge to Edge Time(1)
tICYC
6—
tcyc
1. Applies when IRQ pins are configured for rising edge or falling edge events, but not both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More