Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4377 Fiches technique(PDF) 21 Page - Analog Devices

No de pièce ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Fiches technique(HTML) 21 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 17Page - Analog Devices ADF4377 Datasheet HTML 18Page - Analog Devices ADF4377 Datasheet HTML 19Page - Analog Devices ADF4377 Datasheet HTML 20Page - Analog Devices ADF4377 Datasheet HTML 21Page - Analog Devices ADF4377 Datasheet HTML 22Page - Analog Devices ADF4377 Datasheet HTML 23Page - Analog Devices ADF4377 Datasheet HTML 24Page - Analog Devices ADF4377 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
Data Sheet
ADF4377
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 79
INTRODUCTION
A PLL is a complex feedback system that may conceptually be
considered a frequency multiplier. The system multiplies the refer-
ence input frequency (fREF) and produces a higher frequency on
the clock output pins (fOUT). The PFD, charge pump, output divider,
feedback divider, VCO, and external loop filter forms a feedback
loop to accurately control the output frequency (see Figure 60). The
reference divider or reference doubler is used to set the frequency
resolution.
Figure 60. PLL Loop Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79