| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4377 Fiches technique(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4377 Fiches technique(HTML) 49 Page - Analog Devices |
|
49 / 79 page ![]() Data Sheet ADF4377 REGISTER MAP analog.com Rev. 0 | 49 of 79 Table 42. ADF4377 Register Map Reg Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset RW 0x30 0 0 0 0 0 0 0 0 0x00 R/W 0x31 0 0 0 0 1 0 0 1 0x00 R/W 0x32 0 ADC_CLK_SEL 0 0 1 0 0 1 0x00 R/W 0x33 0 0 0 1 1 0 0 0 0x00 R/W 0x34 0 0 0 0 1 0 0 0 0x00 R/W 0x35 0 0 0 0 0 0 0 0 0x00 R/W 0x36 0 0 0 0 0 0 0 0 0x00 R/W 0x37 0 0 0 0 0 0 0 0 0x00 R/W 0x38 R038_RSV1 0x00 R 0x39 0 0 0 0 0 0 0 0 0x00 R/W 0x3A 0 1 0 1 1 1 0 1 0x00 R/W 0x3B 0 0 1 0 1 0 1 1 0x00 R/W 0x3C 0 0 0 0 0 0 0 0 0x00 R/W 0x3D 0 0 0 0 O_VCO_BAND O_VCO_COR E O_VCO_BIAS 0 0x00 R/W 0x3E 0 0 0 0 0 0 0 0 0x00 R/W 0x3F 0 0 0 0 0 0 0 0 0x00 R/W 0x40 0 0 0 0 0 0 0 0 0x00 R/W 0x41 0 0 0 0 0 0 0 0 0x00 R/W 0x42 0 0 0 0 0 1 0 1 0x00 R/W 0x43 0 0 0 0 0 0 0 0 0x00 R/W 0x44 0 0 0 0 0 0 0 0 0x00 R/W 0x45 0 0 0 0 0 0 0 ADC_ST_CNV 0x00 R/W 0x46 R046_RSV1[7:0] 0x00 R 0x47 R046_RSV1[15:8] 0x00 R 0x48 R046_RSV1[23:16] 0x00 R 0x49 EN_CLK2 EN_CLK1 R049_RSV2 R049_RSV1 REF_OK ADC_BUSY FSM_BUSY LOCKED 0x00 R 0x4A R04A_RSV1 0x00 R 0x4B RESERVED VCO_CORE 0x00 R 0x4C CHIP_TEMP[7:0] 0x00 R 0x4D RESERVED CHIP_TEMP[8] 0x00 R 0x4E R04E_RSV1 0x00 R 0x4F VCO_BAND 0x00 R 0x50 R050_RSV1 0x00 R 0x51 RESERVED VCO_BIAS 0x00 R 0x52 RESERVED R052_RSV1 0x00 R 0x53 RESERVED R053_RSV2 R053_RSV1 0x00 R 0x54 VERSION 0x00 R REGISTER DETAILS Address: 0x00, Reset: 0x00, Name: REG0000 |