Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4377 Fiches technique(PDF) 52 Page - Analog Devices

No de pièce ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Fiches technique(HTML) 52 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 48Page - Analog Devices ADF4377 Datasheet HTML 49Page - Analog Devices ADF4377 Datasheet HTML 50Page - Analog Devices ADF4377 Datasheet HTML 51Page - Analog Devices ADF4377 Datasheet HTML 52Page - Analog Devices ADF4377 Datasheet HTML 53Page - Analog Devices ADF4377 Datasheet HTML 54Page - Analog Devices ADF4377 Datasheet HTML 55Page - Analog Devices ADF4377 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 52 of 79
Figure 111.
Table 48. Bit Descriptions for REG0005
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Product ID = 0x0005.
0x0
R
Address: 0x06, Reset: 0x00, Name: REG0006
Figure 112.
Table 49. Bit Descriptions for REG0006
Bits
Bit Name
Description
Reset
Access
[7:4]
R006_RSV2
Reserved.
0x0
R
[3:0]
R006_RSV1
Reserved.
0x0
R
Address: 0x0A, Reset: 0x00, Name: REG000A
Figure 113.
Table 50. Bit Descriptions for REG000A
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCHPAD
SPI Scratchpad.
0x0
R/W
Address: 0x0B, Reset: 0x00, Name: REG000B
Figure 114.
Table 51. Bit Descriptions for REG000B
Bits
Bit Name
Description
Reset
Access
[7:0]
SPI_REVISION
SPI Revision = 0x01.
0x0
R
Address: 0x0C, Reset: 0x56, Name: REG000C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79