Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4377 Fiches technique(PDF) 78 Page - Analog Devices

No de pièce ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Fiches technique(HTML) 78 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 71Page - Analog Devices ADF4377 Datasheet HTML 72Page - Analog Devices ADF4377 Datasheet HTML 73Page - Analog Devices ADF4377 Datasheet HTML 74Page - Analog Devices ADF4377 Datasheet HTML 75Page - Analog Devices ADF4377 Datasheet HTML 76Page - Analog Devices ADF4377 Datasheet HTML 77Page - Analog Devices ADF4377 Datasheet HTML 78Page - Analog Devices ADF4377 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 78 of 79
Table 120. Bit Descriptions for REG0051
Bits
Bit Name
Description
Reset
Access
[3:0]
VCO_BIAS
VCO Bias Readback. See the VCO Calibration section.
0x0
R
Address: 0x52, Reset: 0x00, Name: REG0052
Figure 184.
Table 121. Bit Descriptions for REG0052
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
R052_RSV1
Reserved.
0x0
R
Address: 0x53, Reset: 0x00, Name: REG0053
Figure 185.
Table 122. Bit Descriptions for REG0053
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
[2:1]
R053_RSV2
Reserved.
0x0
R
0
R053_RSV1
Reserved.
0x0
R
Address: 0x54, Reset: 0x00, Name: REG0054
Figure 186.
Table 123. Bit Descriptions for REG0054
Bits
Bit Name
Description
Reset
Access
[7:0]
VERSION
Die Revision Code.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79