Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4377 Fiches technique(PDF) 55 Page - Analog Devices

No de pièce ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Fiches technique(HTML) 55 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 51Page - Analog Devices ADF4377 Datasheet HTML 52Page - Analog Devices ADF4377 Datasheet HTML 53Page - Analog Devices ADF4377 Datasheet HTML 54Page - Analog Devices ADF4377 Datasheet HTML 55Page - Analog Devices ADF4377 Datasheet HTML 56Page - Analog Devices ADF4377 Datasheet HTML 57Page - Analog Devices ADF4377 Datasheet HTML 58Page - Analog Devices ADF4377 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 55 of 79
Table 58. Bit Descriptions for REG0013
Bits
Bit Name
Description
Reset
Access
[7:6]
R013_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
[5:4]
M_VCO_CORE
Selects VCO Core When O_VCO_CORE = 1.
0x0
R/W
00: VCO 0 lowest frequency.
01: VCO 1.
10: VCO 2.
11: VCO 3 highest frequency.
[3:0]
M_VCO_BIAS
Sets VCO Bias When O_VCO_BIAS = 1.
0x0
R/W
0000: bias = 0.
0001: bias = 1.
0010: bias = 2.
0011: bias = 3.
0100: bias = 4.
0101: bias = 5.
0110: bias = 6.
0111: bias = 7.
1000: bias = 8.
1001: bias = 9.
1010: bias = 10.
1011: bias = 11.
1100: bias = 12.
1101: bias = 13.
1110: bias = 14.
1111: bias = 15.
Address: 0x14, Reset: 0x00, Name: REG0014
Figure 122.
Table 59. Bit Descriptions for REG0014
Bits
Bit Name
Description
Reset
Access
[7:0]
M_VCO_BAND
When O_VCO_BAND = 1, Selects Between 256 Possible VCO Bands Within VCO Core.
0x0
R/W
0: highest frequency VCO band
255: lowest frequency VCO band
Address: 0x15, Reset: 0x00, Name: REG0015
Figure 123.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79