| Moteur de recherche de fiches techniques de composants électroniques |
|
L9788 Fiches technique(PDF) 186 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 Fiches technique(HTML) 186 Page - STMicroelectronics |
|
186 / 264 page ![]() Micro second channel (MSC) interface L9788 186/264 DS12308 Rev 4 Figure 88. MSC activity watchdog time diagram Table 90. MSC Interface Micro Second Channel activity watchdog Parameter min typ max unit tMSC_mon 100 142 185 µs GADG1312161256PS Driver enable 1 = enable 0 = disable Down stream CMD CMD Out_Dis_bit internal signal timeout Timer Counter tMSC_mon TRANS_F Up stream Control reg. write Driver enable Control reg. write Control reg. write CMD READ |