Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 188 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 188 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 184Page - STMicroelectronics L9788 Datasheet HTML 185Page - STMicroelectronics L9788 Datasheet HTML 186Page - STMicroelectronics L9788 Datasheet HTML 187Page - STMicroelectronics L9788 Datasheet HTML 188Page - STMicroelectronics L9788 Datasheet HTML 189Page - STMicroelectronics L9788 Datasheet HTML 190Page - STMicroelectronics L9788 Datasheet HTML 191Page - STMicroelectronics L9788 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 264 page
background image
CONFIG-REG 3
11
11
00
1
RLY4_DL
Y_OFF_E
N
LSD/HSD
_DRV1-
CFG
LSD/HSD
_DRV2-
CFG
LSD/HSD
_DRV3-
CFG
SRT2_EN STR3_EN
T_SEO_DELAY[0:1]
CONFIG-REG 4
1
1
0
0
0
0
1
PRD1_IDRV[0:1]
PRD2_IDRV[0:1]
PRD3_IDRV[0:1]
PRD4_IDRV[0:1]
CONFIG-REG 5
00
00
11
1
PRD5_IDRV[0:1]
PRD1_VDS[0:2]
PRD2_VDS[0:2]
CONFIG-REG 6
11
00
11
1
PRD3_VDS[0:2]
PRD4_VDS[0:2]
EOT_MO
DE
IGN_LSD
_DIS
CONFIG-REG 7
00
11
00
1
PRD5_VDS[0:2]
TRK_EN[
1]
TRK_EN[
2]
TRK_EN[
3]
DAC[0:1]
CONFIG-REG 8
10
11
01
1
VRS
_DIAG
VRS _MODE[0:1]
VRS _HYS2[0:2]
EN_FALLI
NG_FILT
HYS_FB_
SEL
CONFIG-REG 9-0
01
00
10
1
0
1
WDA_RESPTIME[0:5]
CONFIG-REG 9-1
01
00
10
1
1
0
WDA_WI
N_SEL
WDA_INI
T
CONFIG-REG 10
0
00
11
01
WDA_RESP[0:7]
CONFIG-REG 11
0
11
01
11
LIN/KLIN
E SEL
LIN_ERR
_EN[0]
LIN_ERR
_EN[1]
LIN_ERR
_EN[2]
LIN_TX_E
N
LIN_TX_
DIS_FOR
_WDA_E
RR
VDD5_OF
F_SEL
O2H2_O
C_FLT
CONFIG-REG 12
1
00
10
01
TNL_RST
_EN
VB_IN_O
V_RST_E
N
VDD5_O
V_RST_E
N
O2H1_O
C_FLT
FILTER_
MODE
WAKE_U
P_CAN_R
ST
WAKE_U
P_EOT_R
ST
WK_IN_R
ST
CONFIG-REG 13
1
10
11
01
WDA_PW
R_CNT_
OFF_DIS
IPUPD_E
N_HLS1
IPUPD_E
N_STR1
IPUPD_E
N_HLS2
IPUPD_E
N_STR2
IPUPD_E
N_HLS3
IPUPD_E
N_STR3
IDIAG_HI
GH_INJ
IDIAG_HI
GH_SOL
IDIAG_HI
GH_PDR
V
CONFIG-REG 14
1
11
00
11
RLY1_UC RLY2_UC RLY3_UC RLY4_UC RLY5_UC STR1_UC STR2_UC STR3_UC
CONFIG-REG15-0
(WUPT_0)
10
00
01
1
0
0
Wake up timer_SET_0[0:5]
Table 91. MSC Interface DOWN STREAM FRAME Bit Map (continued)
ADDRESS
DATA
C0 C1 C2 C3 C4 C5 C6
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More