Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 189 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 189 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 185Page - STMicroelectronics L9788 Datasheet HTML 186Page - STMicroelectronics L9788 Datasheet HTML 187Page - STMicroelectronics L9788 Datasheet HTML 188Page - STMicroelectronics L9788 Datasheet HTML 189Page - STMicroelectronics L9788 Datasheet HTML 190Page - STMicroelectronics L9788 Datasheet HTML 191Page - STMicroelectronics L9788 Datasheet HTML 192Page - STMicroelectronics L9788 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 264 page
background image
CONFIG-REG15-1
(WUPT_1)
10
00
01
0
0
1
Wake up timer_SET_1[6:11]
CONFIG-REG15-2
(WUPT_2)
10
00
01
0
1
0
Wake up timer_SET_2[12:17]
CONFIG-REG15-2
(WUPT_3)
10
00
01
1
1
1
Wake up timer_SET_3[18:23]
CONFIG-REG16-0
0
01
00
11
0
1
PRD1_BLK[0:1]
PRD2_BLK[0:1]
PRD3_BLK[0:1]
CONFIG-REG16-1
0
01
00
11
1
0
PRD4_BLK[0:1]
PRD5_BLK[0:1]
O2H_PD
RV_1
O2H_PD
RV_3
CONFIG-REG17-0
0
01
00
10
0
0O2H1_SR
O2H1_O
C_TH
O2H2_SR
O2H2_O
C_TH
CONFIG-REG17-1
0
01
00
10
1
1
CAN_EN
CAN_TX_
EN
CAN_WA
KEUP_E
N
CAN_PAT
TERN_E
N
CAN_RX
_EN
CAN_2_5
_MB
STBY_NVM_ADD_REG
0
1
0
0
1
1
0
0
1
STBY_NVM_ADD[0:3]
MEM_VA
LID
STBY_NVM_DATA_REG
1
0
1
1
0
0
0
STBY_NVM_DATA[0:7]
CONFIG-REG20
11
11
11
0
BIST_EN
FIN_WAK
E
WAKE_U
P_TIMER
_EN_SEL
KEY_OC
_RERTY_
MAX_EN
CAN_LO
OP_EN
CAN_TDI
LIN_TX_
DOM_ER
R_CFG
PDRV_O2
H_DLY
CONFIG-REG21
00
00
00
1
CAN_TX_
DOM_ER
R_CFG
OL_RED
BUCK_SL
OW_SR
CAN_TX
D_DOM
_EN
CAN_PE
RM_REC
_EN
CAN_PE
RM_DOM
_EN
CAN_RX
D_REC_E
N
CAN_AU
TO_BIAS
LOCK
10
01
11
1
0
1
0
1
0
1
0
1
UNLOCK
10
01
11
1
1
0
1
0
1
0
1
0
WDA_EN
10
01
11
1
0
1
1
0
0
1
1
0
WDA_DIS
1
00
11
11
1
0
0
1
1
0
0
1
SW-RESET
1
0
1
1
1
0
1
0
1
1011
01
Table 91. MSC Interface DOWN STREAM FRAME Bit Map (continued)
ADDRESS
DATA
C0 C1 C2 C3 C4 C5 C6
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More