Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 183 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 183 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 179Page - STMicroelectronics L9788 Datasheet HTML 180Page - STMicroelectronics L9788 Datasheet HTML 181Page - STMicroelectronics L9788 Datasheet HTML 182Page - STMicroelectronics L9788 Datasheet HTML 183Page - STMicroelectronics L9788 Datasheet HTML 184Page - STMicroelectronics L9788 Datasheet HTML 185Page - STMicroelectronics L9788 Datasheet HTML 186Page - STMicroelectronics L9788 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 264 page
background image
DS12308 Rev 4
183/264
L9788
Micro second channel (MSC) interface
263
Note:
If RLY4, STR2, STR3 are not configured as starter their status is controlled by the data in
control register.
If they are configured as starter their status is controlled by MSC dedicated command.
Table 88. MSC Interface Data frame
bit
Description
0
=’0’:DATA selection bit
1-31
D0-D30 CONTROL REGISTER LSB first!
Table 89. Control register
Control Register
D0
D1
D2
D3
D4
D5
D6
D7
LSD-INJ1
LSD-INJ2
LSD-INJ3
LSD-INJ4
LSD-O2H1
-
LSD-O2H2
-
D8
D9
D10
D11
D12
D13
D14
D15
LSD-SOL1
LSD-SOL2
LSD-LED1
LSD-LED2
LSD-RLY1
LSD-RLY2
LSD-RLY3
LSD-RLY4
D16
D17
D18
D19
D20
D21
D22
D23
LSD-RLY5
LSD-HSD-
STR1
LSD-HSD-
STR2
LSD-HSD-
STR3
FET-PRD1
FET-PRD2
FET-PRD3
FET-PRD4
D24
D25
D26
D27
D28
D29
D30
-
FET-PRD5
IGN1
IGN2
IGN3
IGN4
IGN5
IGN6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More