Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH33F2801P/032PR Fiches technique(PDF) 96 Page - SINOWEALTH Electronic Ltd

No de pièce SH33F2801P/032PR
Description  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SINOWEALTH [SINOWEALTH Electronic Ltd]
Site Internet  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR Fiches technique(HTML) 96 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 407 page
background image
SH33F2801
96
Bit
Sign
Description
31
Reserved
-
30
PHDR15
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
29
Reserved
-
28
PHDR14
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
27
Reserved
-
26
PHDR13
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
25
Reserved
-
24
PHDR12
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
23
Reserved
-
22
PHDR11
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
21
Reserved
-
20
PHDR10
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
19
Reserved
-
18
PHDR9
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
17
Reserved
-
16
PHDR8
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
15
Reserved
-
14
PHDR7
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
13
Reserved
-
12
PHDR6
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
11
Reserved
-
10
PHDR5
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
9
Reserved
-
8
PHDR4
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
7
Reserved
-
6
PHDR3
Port x pull-up configuration is configured by software
0: No pull-up (reset state)
1: Pull-up
5
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com