Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH33F2801P/032PR Fiches technique(PDF) 34 Page - SINOWEALTH Electronic Ltd

No de pièce SH33F2801P/032PR
Description  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SINOWEALTH [SINOWEALTH Electronic Ltd]
Site Internet  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR Fiches technique(HTML) 34 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 407 page
background image
SH33F2801
34
(b) Page Programming
(1) Unlock Flash main block by writing the correct sequence of keys into FLASH_KEYR, and check that
MNLCK@FLASH_CR is cleared.
(2) Check that no Flash memory operation is ongoing by checking the BSY bit in the FLASH_SR register.
(3) When the BSY@FLASH_SR bit is cleared, write the flash main program block command (MPG) word and program
operation width selection bit to the FLASH_CR register.
(4) Set STRT@FLASH_CR bit.
(5) Write a 32-bit word/16-bit half-word into the desired address.
(6) Check BSY@FLASH_SR bit to determine whether the programming instruction has been executed.
(7) Repeat steps 3 to 6 until the operations are done.
(8) The operation is done when BSY@FLASH_SR bit is cleared.
(9) Set MNLCK@FLASH_CR bit to 1 to lock the block.
Figure8-8
Main Program Block Programming (Continuous multi-word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com