Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH33F2801P/032PR Fiches technique(PDF) 82 Page - SINOWEALTH Electronic Ltd

No de pièce SH33F2801P/032PR
Description  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SINOWEALTH [SINOWEALTH Electronic Ltd]
Site Internet  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR Fiches technique(HTML) 82 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 407 page
background image
SH33F2801
82
12.4
CRC Register
CRC Module Register List (Base Address: 0x4004 1800)
Address
Register Name
Description
0x4004 1800
DR
CRC data register
0x4004 1804
CR
CRC control register
0x4004 1808
INIT
CRC initial value register
12.4.1
CRC data register (CRC_DR)
Offset Address: 0x0000
Reset Value:
0xFFFF FFFF
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
DR[31:0]
RW
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
DR[31:0]
RW
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Bit
Symbol
Description
31 ~ 0
DR[31:0]
1. Used as an input register when writing new data to the CRC calculator.
2. Holds the previous CRC calculation result when it is read
3. 8-bit, 16-bit, and 32-bit written operations are allowed
12.4.2
CRC Control Register (CRC_CR)
Offset Address: 0x0004
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
RBYTE
R
RBITR COMP
LR
RBYTE
W
RBITW COMP
LW
MODE[1:0]
Reserved
RELO
AD
RW
RW
RW
RW
RW
RW
RW
-
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 16
Reserved
-
15
RBYTER
Reverses the byte order of the data in DR and then read.
0: Remains unchanged
1: Reverses byte order (refer to Table 12-1 for detailed conversion)
14
RBITR
Reverses the byte inner bit order of the data in DR and then read.
0: Remains unchanged
1: Reverses byte inner bit order (refer to Table 12-1 for detailed conversion)
13
COMPLR
Does a 1's complement transformation to the data in DR and then read.
(i.e. do bitwise inversion to the read data)
0: Remains unchanged
1: Does a 1's complement transformation
12
RBYTEW
Reverses the byte order of the written data
0: Remains unchanged
1: Reverses byte order (refer to Table 12-1 for detailed conversion)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com