Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH33F2801P/032PR Fiches technique(PDF) 6 Page - SINOWEALTH Electronic Ltd

No de pièce SH33F2801P/032PR
Description  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SINOWEALTH [SINOWEALTH Electronic Ltd]
Site Internet  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR Fiches technique(HTML) 6 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 10Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 407 page
background image
SH33F2801
6
5.
Description of Pins
5.1
Function description of Pins
Pin No.
Type
Description
I/O Port
PA0 – PA15
I/O
16-bit bidirectional I/O ports
PB0 – PB15
I/O
16-bit bidirectional I/O ports
PC0 – PC12
I/O
13-bit bidirectional I/O ports
programmable counter arrays(PCA0~PCA1)
PCA0A
I/O
PCA0 input/output A
PCA0B
I/O
PCA0 input/output B
PCA0C
I/O
PCA0 input/output C
PCA0FLT
I
PCA0 fault detection input
PCA0ECI
I
PCA0 external clock input
PCA1A
I/O
PCA1 input/output A
PCA1B
I/O
PCA1 input/output B
PCA1C
I/O
PCA1 input/output C
PCA1FLT
I
PCA1 fault detection input
PCA1ECI
I
PCA1 external clock input
Quadrature encoder interface (QEA/QEB/INDEX)
QEA
I
Quadrature encoder QEA input
QEB
I
Quadrature encoder QEB input
INDEX
I
Quadrature encoder INDEX input
Basic timer(TIM7~8)
T7
I/O
External clock input/clock compare output
T8
I/O
External clock input/clock compare output
MCM (MCM, three-phase motor control module)
PWM0/PWM01
PWM1/PWM11
PWM2/PWM21
O
MCM module 16BIT PWM complementary output
PWMFLT
I
MCM module 16BIT PWM fault signal input
SC0
I
MCM module wave-by-wave current limit compare digital signal 0 input
SC1
I
MCM module wave-by-wave current limit compare digital signal 1 input
SC2
I
MCM module wave-by-wave current limit compare digital signal 2 input
ADC (ADC, multichannel analog-to-digital converter)
AN0~14
I
ADC independent input channel (15)
VREF
I/O
External reference voltage input interface
ADTRG
I/O
ADC external sampling trigger signal input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com