Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH33F2801P/032PR Fiches technique(PDF) 49 Page - SINOWEALTH Electronic Ltd

No de pièce SH33F2801P/032PR
Description  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SINOWEALTH [SINOWEALTH Electronic Ltd]
Site Internet  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR Fiches technique(HTML) 49 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 407 page
background image
SH33F2801
49
Bit
Symbol
Description
31 ~ 8
Reserved
-
9
LVREN
LVR enable bit
0: LVR is disabled
1: LVR is enabled
8
VLVR
the Voltage of LVR control bit
0: 4.1 V
1: 2.8 V
7
BODEN
BOD enable bit
0: Brownout detection is disabled
1: Brownout detection is enabled
6
BODIE
BOD interrupt enable bit
5 ~ 4
BODMD[1:0]
BOD mode selection control bit
00: The BODIF flag is set to 1 only when VDD voltage is from less than BOD
threshold to greater than BOD threshold
01: The BODIF flag is set to 1 only when VDD voltage is from greater than
BOD threshold to less than BOD threshold
10: When VDD voltage is from greater than threshold to less than threshold,
or is from less than threshold to greater than threshold, the BODIF flag is set
11: Reserved
3 ~ 0
VBOD[3:0]
BOD threshold voltage setting bit
0000: 2.80 V
0001: 2.90 V
0010: 3.00 V
0011: 3.10 V
0100: 3.20 V
0101: 3.30 V
0110: 3.40 V
0111: 3.50 V
1000: 3.60 V
1001: 3.70 V
1010: 3.80 V
1011: 3.90 V
1100: 4.00 V
1101: 4.10 V
1110: 4.20 V
1111: 4.30 V
9.4.2
Power Status Register (SYSCFG_PWRSR)
Offset Address: 0x0004
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Reserved
BODF BODIF
-
RO
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 2
Reserved
-
1
BODF
BOD flag bit
0: The current voltage is higher than BOD voltage set in VBOD[3:0]
1: The current voltage is lower than BOD voltage set in VBOD[3:0]
0
BODIF
BOD interrupt request flag
0: No interrupt pending, clear pending
1: Interrupt pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com