| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8536AT Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 103 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx [1] For further information about the R/W-bit, see Table 42 on page 56. [2] For further information about the register selection bits, see Table 42 on page 56. Temperature compensation control commands Temperature-ctrl 01 000 000TCE TMF TME Section 8.4.1 TC-slope A 01 000 001TSA[2:0] Section 8.4.3 B 01 000 010TSB[2:0] C 01 000 011TSC[2:0] D 01 000 100TSD[2:0] E 01 000 101TSE[2:0] F 01 000 110TSF[2:0] TC-set 1 01 000 111T1T[2:0] Section 8.4.2 2 01 001 000T2T[2:0] 3 01 001 001T3T[2:0] 4 01 001 010T4T[2:0] Display control commands Set-MUX-mode 00 000 000M[2:0] Section 8.5.1 Inversion-mode 00 010 110INV[2:0] Section 8.5.2 Display-ctrl 00 000 1110 0DE Section 8.5.3 Clock and frame frequency command Frame-frequency 0 0 0 1 1 1 FF[4:0] Section 8.6.4 Display RAM commands Write-display-data 0 0 1 DB[7:0] Section 8.7.1 Input-bank-select 00 000 0010 IB[1:0] Section 8.7.2 Output-bank-select 00 000 0100 OB[1:0] Data-pointer-init 00 010 1000 00 Section 8.7.3 Data-pointer MSB 0 0 0 1 0 0 0 0 PX[6:4] LSB 0 0 0 1 0 0 1 PX[3:0] Table 5. Commands of PCA8530 …continued Command name R/W[1] Register selection RS[1:0][2] Command bits Reference 7 6 5 4 3 2 1 0 |