Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8536AT Fiches technique(PDF) 87 Page - NXP Semiconductors

No de pièce PCF8536AT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Fiches technique(HTML) 87 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 83Page - NXP Semiconductors PCF8536AT Datasheet HTML 84Page - NXP Semiconductors PCF8536AT Datasheet HTML 85Page - NXP Semiconductors PCF8536AT Datasheet HTML 86Page - NXP Semiconductors PCF8536AT Datasheet HTML 87Page - NXP Semiconductors PCF8536AT Datasheet HTML 88Page - NXP Semiconductors PCF8536AT Datasheet HTML 89Page - NXP Semiconductors PCF8536AT Datasheet HTML 90Page - NXP Semiconductors PCF8536AT Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
87 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
VSS2
35
1317.5 495
45
S68
160 1255.7
495
45
36
1272.5 495
45
S67
161 1210.7
495
45
37
1227.5 495
45
S66
162 1165.7
495
45
38
1182.5 495
45
S65
163 1120.7
495
45
39
1137.5 495
45
S64
164 1075.7
495
45
40
1092.5 495
45
S63
165 1030.7
495
45
41
1047.5 495
45
S62
166 985.7
495
45
42
1002.5 495
45
S61
167 940.7
495
45
43
957.5
495
45
S60
168 895.7
495
45
44
912.5
495
45
S59
169 850.7
495
45
VSS3
45
867.5
495
45
S58
170 805.7
495
45
46
822.5
495
45
S57
171 760.7
495
45
47
777.5
495
45
S56
172 715.7
495
45
48
732.5
495
45
S55
173 670.7
495
45
VSS1
49
687.5
495
45
S54
174 625.7
495
45
50
642.5
495
45
S53
175 580.7
495
45
51
597.5
495
45
S52
176 535.7
495
45
52
552.5
495
45
S51
177 490.7
495
45
53
507.5
495
45
COM0
178 382.1
495
108.6
54
462.5
495
45
179 337.1
495
45
55
417.5
495
45
180 292.1
495
45
56
372.5
495
45
181 247.1
495
45
57
327.5
495
45
COM1
182 202.1
495
45
T1
58
282.5
495
45
183 157.1
495
45
59
237.5
495
45
184 112.1
495
45
T2
60
192.5
495
45
185 67.1
495
45
61
147.5
495
45
COM2
186 22.1
495
45
A0
62
102.5
495
45
187
22.9
495
45
63
57.5
495
45
188
67.9
495
45
A1
64
12.5
495
45
189
112.9
495
45
65
32.5
495
45
COM3
190
157.9
495
45
IFS
66
77.5
495
45
191
202.9
495
45
67
122.5
495
45
192
247.9
495
45
OSC
68
167.5
495
45
193
292.9
495
45
69
212.5
495
45
194
337.9
495
45
SA0
70
257.5
495
45
195
382.9
495
45
71
302.5
495
45
S50
196
491.5
495
108.6
Table 53.
Bump locations of PCA8530DUG …continued
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 59.
Symbol
Pin Coordinates
Pitch
Symbol
Pin Coordinates
Pitch
X (
m)
Y (
m) X (m)
X (
m)
Y (
m) X (m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More