| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8536AT Fiches technique(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT Fiches technique(HTML) 47 Page - NXP Semiconductors |
|
47 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 47 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver 8.10.6.2 1:2 Multiplex drive mode When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The PCA8530 allows the use of 1⁄2 bias or 1⁄3 bias in this mode as shown in Figure 26 and Figure 27. Vstate1(t) = VSn(t) VBP0(t). Vstate2(t) = VSn(t) VBP1(t). Von(RMS)(t) = 0.791VLCD. Voff(RMS)(t) = 0.354VLCD. Fig 26. Waveforms for the 1:2 multiplex drive mode, 1⁄2 bias, line inversion mode (n = 1) |