Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8536AT Fiches technique(PDF) 42 Page - NXP Semiconductors

No de pièce PCF8536AT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Fiches technique(HTML) 42 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 38Page - NXP Semiconductors PCF8536AT Datasheet HTML 39Page - NXP Semiconductors PCF8536AT Datasheet HTML 40Page - NXP Semiconductors PCF8536AT Datasheet HTML 41Page - NXP Semiconductors PCF8536AT Datasheet HTML 42Page - NXP Semiconductors PCF8536AT Datasheet HTML 43Page - NXP Semiconductors PCF8536AT Datasheet HTML 44Page - NXP Semiconductors PCF8536AT Datasheet HTML 45Page - NXP Semiconductors PCF8536AT Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
42 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
The temperature regions are determined by programming the temperature limits T1 to T4
via the TC-set-1 to TC-set-4 commands (see Section 8.4.2 on page 18). The temperature
coefficients can be selected from a choice of eight different slopes. Each one of theses
coefficients is independently selected via the TC-slope command (see Section 8.4.3 on
page 19).
[1]
The relation between the actual temperature and TD[7:0] is derived from Equation 3 on page 40.
Remark: The programming has to be made such that T1 < T2 and T3 < T4 otherwise the
VLCD temperature compensation will not be executed.
Fig 23. Example of segmented temperature coefficients
Table 32.
Temperature regions
T1T[2:0] to
T4T[2:0]
Temperature region 1 and 2
Temperature region 3 and 4
T1, T2 (
C)
Corresponding
TD value[1]
T3, T4 (
C)
Corresponding
TD value[1]
000
34
10
+29
110
001
27
20
+38
124
010
21
30
+47
138
011
15
40
+55
152
100
950+64
166
101
260+73
180
110
+4
70
+82
194
111
+10
80
+91
208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More