| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8536AT Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 3 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver 4. Ordering information 4.1 Ordering options [1] Bump hardness, see Table 56 on page 90. 5. Marking [1] The rear side marking has the following meaning: LLLLLLL — wafer lot number WW — wafer number XXXXXX — die identification number Table 1. Ordering information Type number Package Name Description Version PCA8530DUG bare die 247 bumps PCA8530DUG Table 2. Ordering options Product type number Orderable part number Sales item (12NC) Delivery form IC revision PCA8530DUG/DA PCA8530DUG/DAZ 935304675033 chips with bumps[1] in tray 1 Table 3. Marking codes Product type number Marking code PCA8530DUG/DA on the active side of the die PC8530-1 on the rear side of the die[1] LLLLLLL WW XXXXXX |