| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC5605BAMLL4R Fiches technique(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAMLL4R Fiches technique(HTML) 30 Page - NXP Semiconductors |
|
30 / 114 page ![]() MPC5607B Microcontroller Data Sheet, Rev. 10 Package pinouts and signal descriptions NXP Semiconductors 30 PH[4] PCR[116] AF0 AF1 AF2 AF3 GPIO[116] E1UC[6] — — SIUL eMIOS_1 — — I/O I/O — — M Tristate — 134 162 A6 PH[5] PCR[117] AF0 AF1 AF2 AF3 GPIO[117] E1UC[7] — — SIUL eMIOS_1 — — I/O I/O — — S Tristate — 135 163 B6 PH[6] PCR[118] AF0 AF1 AF2 AF3 GPIO[118] E1UC[8] — MA[2] SIUL eMIOS_1 — ADC_0 I/O I/O — O M Tristate — 136 164 D5 PH[7] PCR[119] AF0 AF1 AF2 AF3 GPIO[119] E1UC[9] CS3_2 MA[1] SIUL eMIOS_1 DSPI_2 ADC_0 I/O I/O O O M Tristate — 137 165 C5 PH[8] PCR[120] AF0 AF1 AF2 AF3 GPIO[120] E1UC[10] CS2_2 MA[0] SIUL eMIOS_1 DSPI_2 ADC_0 I/O I/O O O M Tristate — 138 166 A5 PH[9]10 PCR[121] AF0 AF1 AF2 AF3 GPIO[121] — TCK — SIUL — JTAGC — I/O — I — S Input, weak pull-up 88 127 155 B8 PH[10]10 PCR[122] AF0 AF1 AF2 AF3 GPIO[122] — TMS — SIUL — JTAGC — I/O — I — M Input, weak pull-up 81 120 148 B9 PH[11] PCR[123] AF0 AF1 AF2 AF3 GPIO[123] SOUT_3 CS0_4 E1UC[5] SIUL DSPI_3 DSPI_4 eMIOS_1 I/O O I/O I/O M Tristate — — 140 A14 PH[12] PCR[124] AF0 AF1 AF2 AF3 GPIO[124] SCK_3 CS1_4 E1UC[25] SIUL DSPI_3 DSPI_4 eMIOS_1 I/O I/O O I/O M Tristate — — 141 D12 PH[13] PCR[125] AF0 AF1 AF2 AF3 GPIO[125] SOUT_4 CS0_3 E1UC[26] SIUL DSPI_4 DSPI_3 eMIOS_1 I/O O I/O I/O MTristate — — 9 B3 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Peripheral Pin number 100 LQFP 144 LQFP 176 LQFP 208 MAP BGA 4 |