Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC5605BAMLL4R Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce PPC5605BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5605BAMLL4R Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button PPC5605BAMLL4R Datasheet HTML 14Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 15Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 16Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 17Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 18Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 19Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 20Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 21Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Package pinouts and signal descriptions
NXP Semiconductors
18
PB[7]
PCR[23] AF0
AF1
AF2
AF3
—
—
—
—
—
—
—
ADC0_P[3]
ADC1_P[3]
GPIO[23]
—
—
—
—
ADC_0
ADC_1
SIUL
—
—
—
—
I
I
I
I
Tristate
557793
P16
PB[8]
PCR[24] AF0
AF1
AF2
AF3
—
—
—
—
GPIO[24]
—
—
—
OSC32K_XTAL8
WKPU[25]5
ADC0_S[0]
ADC1_S[4]
SIUL
—
—
—
OSC32K
WKPU
ADC_0
ADC_1
I
—
—
—
—
I9
I
I
I
—
39
53
61
R9
PB[9]
PCR[25] AF0
AF1
AF2
AF3
—
—
—
—
GPIO[25]
—
—
—
OSC32K_EXTAL8
WKPU[26]5
ADC0_S[1]
ADC1_S[5]
SIUL
—
—
—
OSC32K
WKPU
ADC_0
ADC_1
I
—
—
—
—
I9
I
I
I
—
38
52
60
T9
PB[10]
PCR[26] AF0
AF1
AF2
AF3
—
—
—
GPIO[26]
—
—
—
WKPU[8]5
ADC0_S[2]
ADC1_S[6]
SIUL
—
—
—
WKPU
ADC_0
ADC_1
I/O
—
—
—
I
I
I
J
Tristate
405462
P9
PB[11]
PCR[27] AF0
AF1
AF2
AF3
—
GPIO[27]
E0UC[3]
—
CS0_0
ADC0_S[3]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
I/O
I
J
Tristate
—
—
97
N13
PB[12]
PCR[28] AF0
AF1
AF2
AF3
—
GPIO[28]
E0UC[4]
—
CS1_0
ADC0_X[0]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
J
Tristate
61
83
101
M16
Table 5. Functional port pin descriptions (continued)
Port pin
PCR
Function
Peripheral
Pin number
100
LQFP
144
LQFP
176
LQFP
208
MAP
BGA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More