Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC5605BAMLL4R Fiches technique(PDF) 24 Page - NXP Semiconductors

No de pièce PPC5605BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5605BAMLL4R Fiches technique(HTML) 24 Page - NXP Semiconductors

Back Button PPC5605BAMLL4R Datasheet HTML 20Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 21Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 22Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 23Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 24Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 25Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 26Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 27Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Package pinouts and signal descriptions
NXP Semiconductors
24
PE[3]
PCR[67] AF0
AF1
AF2
AF3
GPIO[67]
E0UC[19]
SOUT_1
—
SIUL
eMIOS_0
DSPI_1
—
I/O
I/O
O
—
M
Tristate
90
129
157
C7
PE[4]
PCR[68] AF0
AF1
AF2
AF3
—
GPIO[68]
E0UC[20]
SCK_1
—
EIRQ[9]
SIUL
eMIOS_0
DSPI_1
—
SIUL
I/O
I/O
I/O
—
I
M
Tristate
93
132
160
D6
PE[5]
PCR[69] AF0
AF1
AF2
AF3
GPIO[69]
E0UC[21]
CS0_1
MA[2]
SIUL
eMIOS_0
DSPI_1
ADC_0
I/O
I/O
I/O
O
M
Tristate
94
133
161
C6
PE[6]
PCR[70] AF0
AF1
AF2
AF3
—
GPIO[70]
E0UC[22]
CS3_0
MA[1]
EIRQ[22]
SIUL
eMIOS_0
DSPI_0
ADC_0
SIUL
I/O
I/O
O
O
I
M
Tristate
95
139
167
B5
PE[7]
PCR[71] AF0
AF1
AF2
AF3
—
GPIO[71]
E0UC[23]
CS2_0
MA[0]
EIRQ[23]
SIUL
eMIOS_0
DSPI_0
ADC_0
SIUL
I/O
I/O
O
O
I
M
Tristate
96
140
168
C4
PE[8]
PCR[72] AF0
AF1
AF2
AF3
GPIO[72]
CAN2TX
E0UC[22]
CAN3TX
SIUL
FlexCAN_2
eMIOS_0
FlexCAN_3
I/O
O
I/O
O
M
Tristate
9
13
21
G2
PE[9]
PCR[73] AF0
AF1
AF2
AF3
—
—
—
GPIO[73]
—
E0UC[23]
—
WKPU[7]5
CAN2RX
CAN3RX
SIUL
—
eMIOS_0
—
WKPU
FlexCAN_2
FlexCAN_3
I/O
—
I/O
—
I
I
I
S
Tristate
101422
G1
PE[10]
PCR[74] AF0
AF1
AF2
AF3
—
GPIO[74]
LIN3TX
CS3_1
E1UC[30]
EIRQ[10]
SIUL
LINFlex_3
DSPI_1
eMIOS_1
SIUL
I/O
O
O
I/O
I
S
Tristate
111523
G3
Table 5. Functional port pin descriptions (continued)
Port pin
PCR
Function
Peripheral
Pin number
100
LQFP
144
LQFP
176
LQFP
208
MAP
BGA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More