Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC5605BAMLL4R Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce PPC5605BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5605BAMLL4R Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button PPC5605BAMLL4R Datasheet HTML 13Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 14Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 15Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 16Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 17Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 18Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 19Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 20Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
Package pinouts and signal descriptions
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
17
PB[1]
PCR[17] AF0
AF1
AF2
AF3
—
—
—
GPIO[17]
—
E0UC[31]
—
WKPU[4]5
CAN0RX
LIN0RX
SIUL
—
eMIOS_0
—
WKPU
FlexCAN_0
LINFlex_0
I/O
—
I/O
—
I
I
I
S
Tristate
243240
N1
PB[2]
PCR[18] AF0
AF1
AF2
AF3
GPIO[18]
LIN0TX
SDA
E0UC[30]
SIUL
LINFlex_0
I2C_0
eMIOS_0
I/O
O
I/O
I/O
M
Tristate
100
144
176
B2
PB[3]
PCR[19] AF0
AF1
AF2
AF3
—
—
GPIO[19]
E0UC[31]
SCL
—
WKPU[11]5
LIN0RX
SIUL
eMIOS_0
I2C_0
—
WKPU
LINFlex_0
I/O
I/O
I/O
—
I
I
S
Tristate
111
C3
PB[4]
PCR[20] AF0
AF1
AF2
AF3
—
—
—
—
—
—
—
ADC0_P[0]
ADC1_P[0]
GPIO[20]
—
—
—
—
ADC_0
ADC_1
SIUL
—
—
—
—
I
I
I
I
Tristate
507288
T16
PB[5]
PCR[21] AF0
AF1
AF2
AF3
—
—
—
—
—
—
—
ADC0_P[1]
ADC1_P[1]
GPIO[21]
—
—
—
—
ADC_0
ADC_1
SIUL
—
—
—
—
I
I
I
I
Tristate
537591
R16
PB[6]
PCR[22] AF0
AF1
AF2
AF3
—
—
—
—
—
—
—
ADC0_P[2]
ADC1_P[2]
GPIO[22]
—
—
—
—
ADC_0
ADC_1
SIUL
—
—
—
—
I
I
I
I
Tristate
547692
P15
Table 5. Functional port pin descriptions (continued)
Port pin
PCR
Function
Peripheral
Pin number
100
LQFP
144
LQFP
176
LQFP
208
MAP
BGA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More