| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC5605BAMLL4R Fiches technique(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAMLL4R Fiches technique(HTML) 19 Page - NXP Semiconductors |
|
19 / 114 page ![]() Package pinouts and signal descriptions MPC5607B Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 19 PB[13] PCR[29] AF0 AF1 AF2 AF3 — GPIO[29] E0UC[5] — CS2_0 ADC0_X[1] SIUL eMIOS_0 — DSPI_0 ADC_0 I/O I/O — O I J Tristate 63 85 103 M13 PB[14] PCR[30] AF0 AF1 AF2 AF3 — GPIO[30] E0UC[6] — CS3_0 ADC0_X[2] SIUL eMIOS_0 — DSPI_0 ADC_0 I/O I/O — O I J Tristate 65 87 105 L16 PB[15] PCR[31] AF0 AF1 AF2 AF3 — GPIO[31] E0UC[7] — CS4_0 ADC0_X[3] SIUL eMIOS_0 — DSPI_0 ADC_0 I/O I/O — O I J Tristate 67 89 107 L13 Port C PC[0]10 PCR[32] AF0 AF1 AF2 AF3 GPIO[32] — TDI — SIUL — JTAGC — I/O — I — M Input, weak pull-up 87 126 154 A8 PC[1]10 PCR[33] AF0 AF1 AF2 AF3 GPIO[33] — TDO — SIUL — JTAGC — I/O — O — F11 Tristate 82 121 149 C9 PC[2] PCR[34] AF0 AF1 AF2 AF3 — GPIO[34] SCK_1 CAN4TX DEBUG[0] EIRQ[5] SIUL DSPI_1 FlexCAN_4 SSCM SIUL I/O I/O O O I M Tristate 78 117 145 A11 PC[3] PCR[35] AF0 AF1 AF2 AF3 — — — GPIO[35] CS0_1 MA[0] DEBUG[1] EIRQ[6] CAN1RX CAN4RX SIUL DSPI_1 ADC_0 SSCM SIUL FlexCAN_1 FlexCAN_4 I/O I/O O O I I I S Tristate 77 116 144 B11 PC[4] PCR[36] AF0 AF1 AF2 AF3 — — — GPIO[36] E1UC[31] — DEBUG[2] EIRQ[18] SIN_1 CAN3RX SIUL eMIOS_1 — SSCM SIUL DSPI_1 FlexCAN_3 I/O I/O — O I I I M Tristate 92 131 159 B7 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Peripheral Pin number 100 LQFP 144 LQFP 176 LQFP 208 MAP BGA 4 |